PART |
Description |
Maker |
LMK212SD683KG-T |
Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
|
Taiyo Yuden (U.S.A.), I...
|
GMK316SD393KF-T |
Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
|
Taiyo Yuden (U.S.A.), I...
|
EMK212SD333KD-T |
Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
|
Taiyo Yuden (U.S.A.), I...
|
HLMP-K155 HLMP-K150 HLMP-D155A HLMP-D150 HLMP-D150 |
Super-Fast, Ultra-Low-Distortion, High-Speed Operational Amplifier with Shutdown 8-SOIC -40 to 85 T-1 Double Heterojunction AlGaAs Low Current Red LED Lamp Soft Orange Tinted T-1 (3 mm) Solid State Lamp T-1 3/4 Double Heterojunction AlGaAs Low Current Red LED Lamp DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS Red Diffused DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS Red Clear with Standoff Soft Orange Tinted T-1 3/4 (5 mm) Solid State Lamp Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP-PowerPAD -40 to 85
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
UMK105SD391KV-F |
Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
|
Taiyo Yuden (U.S.A.), I...
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
MAX4250 MAX4250EUK MAX4250EUK-T MAX4251 MAX4252 MA |
Differential Bus Transceivers 8-SOIC DUAL OP-AMP, 750 uV OFFSET-MAX, 22 MHz BAND WIDTH, PDSO14 SOT23 / Single-Supply / Low-Noise / Low-Distortion / Rail-to-Rail Op Amps SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http://
|
LTC6401-8 LTC6401CUD-8-PBF LTC6401CUD-8-TRPBF LTC6 |
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
|
Linear Technology, Corp.
|
AD9618TQ AD9618JN AD9618SQ AD9618AQ AD9618 AD9618B |
Low Distortion, Precision, Wide Bandwidth Op Amp OP-AMP, 1100 uV OFFSET-MAX, 8000 MHz BAND WIDTH, CDIP8 Low Distortion/ Precision/ Wide Bandwidth Op Amp ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component
|
Analog Devices, Inc. AD[Analog Devices]
|
AD8036-EB AD8037-EB AD8037ACHIPS AD8036ACHIPS AD80 |
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps MB 26C 26#20 PIN PLUG Connector assemblies, Test RoHS Compliant: Yes Low Distortion/ Wide Bandwidth Voltage Feedback Clamp Amps
|
Analog Devices, Inc.
|